Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2155 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce MCP2155
Description  ItDA Standard Protocol Stack Controller Supporting DCE Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button MCP2155 Datasheet HTML 16Page - Microchip Technology MCP2155 Datasheet HTML 17Page - Microchip Technology MCP2155 Datasheet HTML 18Page - Microchip Technology MCP2155 Datasheet HTML 19Page - Microchip Technology MCP2155 Datasheet HTML 20Page - Microchip Technology MCP2155 Datasheet HTML 21Page - Microchip Technology MCP2155 Datasheet HTML 22Page - Microchip Technology MCP2155 Datasheet HTML 23Page - Microchip Technology MCP2155 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
!
'6$SDJH 
3UHOLPLQDU\
  0LFURFKLS 7HFKQRORJ\ ,QF
(;$03/( 
3,&)[[ &RGH WR 3URJUDP WKH 'HYLFH ,'
;#define
dtr
PORTx, Pinx
; Must specify which Port and Which Pin
;#define
cts
PORTx, Pinx
; Must specify which Port and Which Pin
;#define
rts
PORTx, Pinx
; Must specify which Port and Which Pin
;#define
clr
PORTx, Pinx
; Must specify which Port and Which Pin
;
;*****************************************************************
; String Table
; This table stores a string, breg is the offset.
The string
; is terminated by a null character.
;*****************************************************************
string1 clrf
PCLATH
; this routine is on page 0
movf
breg, W
; get the offset
addwf
PCL, F
; add the offset to PC
DT
D'15'
; the first byte is the byte count
DT
"My IR ID String"
;
UpdateID
call
deviceInit
; Initialize the PIC16Fxxx
bcf
clr
; place the MCP2155 in reset
bsf
dtr
; Force the DTR pin High for program mode
bcf
rts
; Force the RTS pin Low for program mode
call
delay1mS
; delay for 1 ms.
bsf
clr
; allow the MCP2155 to come out of reset
;
clrf
LoopCnt
; LoopCnt = 0
ctsLP1
call
delay1mS
; delay for 1 ms.
btfss
cts
; if cts=0 then we're ready to program
goto
ctsLow
; MCP2155 is ready to receive data
decfsz LoopCnt, F
;
goto
ctsLP1
; NO, wait for MCP2155 to be ready
goto
StuckReset
; The MCP2150 did not exit reset, do your recovery
;
in this routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52