Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2155 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP2155
Description  ItDA Standard Protocol Stack Controller Supporting DCE Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP2155 Datasheet HTML 17Page - Microchip Technology MCP2155 Datasheet HTML 18Page - Microchip Technology MCP2155 Datasheet HTML 19Page - Microchip Technology MCP2155 Datasheet HTML 20Page - Microchip Technology MCP2155 Datasheet HTML 21Page - Microchip Technology MCP2155 Datasheet HTML 22Page - Microchip Technology MCP2155 Datasheet HTML 23Page - Microchip Technology MCP2155 Datasheet HTML 24Page - Microchip Technology MCP2155 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
3UHOLPLQDU\
'6$SDJH 
!
(;$03/( 
3,&)[[ &RGH WR 3URJUDP WKH 'HYLFH ,' FRQWLQXHG
ctsLow
clrf
breg
; clear the offset
call
string1
; get the byte count
;
(ID length byte + # bytes in string)
movwf
creg
; use creg as the loop counter
incf
creg, f
; add 1 to the loop count since
;
we're jumping into the middle
movwf
areg
; save the count in areg to send it
goto
sndwt
; start sending the count + ID string
;
sndlp
call
string1
; get the byte
movwf
areg
; save the byte
sndwt
btfsc
cts
; check the cts input
goto
sndwt
; wait if cts=1
call
txser
; send the byte using the Transmit Routine
incf
breg,f
; increment the table pointer
decfsz
creg, f
; more bytes to send?
goto
sndlp
; YES, send more bytes
;
bcf
clr
; NO, place the MCP2155 in reset
bcf
dtr
; Force the DTR pin Low for normal mode
bsf
rts
; Force the RTS pin High for normal mode
call
delay1mS
; delay for 1 ms.
bsf
clr
; allow the MCP2155 to come out of reset
;
ctsLP2
btfss
cts
; if cts=1 then MCP2155 is in Normal mode
goto
ctsLP2
; NO, wait for MCP2155 to be ready
goto
NormalOperation ; The MCP2155 in now programmed with new ID,
; and is ready to establish an IR link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52