| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF5A Fiches technique(PDF) 27 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSF5A Fiches technique(HTML) 27 Page - Honeywell Solid State Electronics Center |
|
27 / 38 page ![]() Sensing and Internet of Things 27 MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 20. MICRO SWITCH HDLS LSW Series side adjustable plunger (single pole) dimensions 21,6 [.85] 47,5 [1.87] MAX OPERATING POINT 41,1 [1.62] MIN OPERATING POINT 7,9 [.31] ACROSS FLATS 20,3 [.80] 74,9 [2.95] 16,5 [.65] 25,4 [1.00] 39,0 [1.54] 44,5 [1.75] 29,4 [1.16] 41,1 [1.62] 70,4 [2.77] 59,4 [2.34] 31,4 [1.24] 14,7 [.58] 19,0 [.75] 39,6 [1.56] Ø25,4 [1.00] CONDUIT OPENING LOCATION LSW SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS DIMS: MM [IN] 20,3 [.80] 36,6 [1.44] 39,0 [1.54] 44,4 [1.75] 75,8 [2.98] 20,3 [.80] 29,4 [1.16] 41,1 [1.62] 59,4 [2.34] 70,4 [2.77] 19,0 [.75] 14,7 [.58] 39,6 [1.56] 31,4 [1.24] 21,6 [.85] 41,1 [1.62] MIN OPERATING POINT 47,5 [1.87] MAX OPERATING POINT 7,9 [.31] ACROSS FLATS Ø25,4 [1.00] CONDUIT OPENING LOCATION LSW SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 18,8 [.74] 26,4 [1.04] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 20,3 [.80] 47,8 [1.88] 29,4 [1.16] 82,6 [3.25] 59,4 [2.34] 21,6 [.85] 41,1 [1.62] MIN OPERATING POINT 47,5 [1.87] MAX OPERATING POINT 7,9 [.31] ACROSS FLATS 31,4 [1.24] 14,7 [.58] 19,0 [.75] Ø 25,4 [1.00] 39,6 [1.56] CONDUIT OPENING LOCATION LSW DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) DIMS: MM [IN] 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS 21,3 [.84] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 20,3 [.80] 21,6 [.85] 41,1 [1.62] MIN OPERATING POINT 47,5 [1.87] MAX OPERATING POINT 7,9 [.31] ACROSS FLATS 31,4 [1.24] 14,7 [.58] 19,0 [.75] 59,4 [2.34] 82,6 [3.25] 29,4 [1.16] 47,8 [1.88] Ø 25,4 [1.00] 39,6 [1.56] CONDUIT OPENING LOCATION 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS LSW DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 21. MICRO SWITCH HDLS LSW Series side adjustable plunger (double pole) dimensions |