| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF5A Fiches technique(PDF) 25 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSF5A Fiches technique(HTML) 25 Page - Honeywell Solid State Electronics Center |
|
25 / 38 page ![]() Sensing and Internet of Things 25 MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 16. MICRO SWITCH HDLS LSE Series side plain plunger (single pole) dimensions 16,5 [.65] 25,4 [1.00] 39,1 [1.54] 44,5 [1.75] 74,9 [2.95] 19,0 [.75] 21,6 [.85] 33,0 [1.30] OPERATING POINT Ø9,4 [.37] 14,7 [.58] 39,6 [1.56] 31,5 [1.24] 59,4 [2.34] 70,4 [2.77] 41,1 [1.62] 29,4 [1.16] 20,3 [.80] Ø25,4 [1.00] CONDUIT OPENING LOCATION LSE SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS DIMS: MM [IN] 18,8 [.74] 26,4 [1.04] 38,1 [1.50] 89,7 [3,53] 21,6 [.85] 33,0 [1.30] OPERATING POINT Ø 9,4 [.37] 39,6 [1.56] 14,7 [.58] 19,0 [.75] 70,4 [2.77] 59,5 [2.34] 31,5 [1.24] 29,4 [1.16] 47,8 [1.88] 20,3 [.80] Ø 25,4 [1.00] CONDUIT OPENING LOCATION LSE DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS 21,6 [.85] 33,0 [1.30] OPERATING POINT Ø 9,4 [.37] 39,6 [1.56] 19,0 [.75] 31,5 [1.24] 14,7 [.58] 59,5 [2.34] 82,6 [3.25] 29,4 [1.16] 47,8 [1.88] 38,1 [1.50] 21,3 [.84] 45,3 [1.78] 89,7 [3.53] 20,3 [.80] Ø 25,4 [1.00] CONDUIT OPENING LOCATION MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH LSE DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 17. MICRO SWITCH HDLS LSE Series side plain plunger (double pole) dimensions 21,6 [.85] 33,0 [1.30] OPERATING POINT Ø9,4 [.37] 75,8 [2.98] 20,3 [.80] 39,0 [1.54] 36,6 [1.44] 44,4 [1.75] 41,1 [1.62] 29,4 [1.16] 59,4 [2.34] 31,5 [1.24] 19,0 [.75] 70,4 [2.77] 39,6 [1.56] 14,7 [.58] Ø 25,4 [1.00] 20,3 [.80] CONDUIT OPENING LOCATION LSE SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY |