| Moteur de recherche de fiches techniques de composants électroniques |
|
LSV7L Fiches technique(PDF) 28 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSV7L Fiches technique(HTML) 28 Page - Honeywell Solid State Electronics Center |
|
28 / 38 page ![]() 28 sensing.honeywell.com MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 22. MICRO SWITCH HDLS LSG Series maintained contact side plunger (single pole) dimensions 16,5 [.65] 25,4 [1.00] 39,1 [1.54] 44,5 [1.75] 74,9 [2.95] 21,6 [0.85] Ø 9,47 [.38] 76,2 [3.00] 37,5 [1.48] OPERATING POINT 14,7 [.58] 19,0 [.75] 59,4 [2.34] 70,4 [2.77] 29,4 [1.16] 41,1 [1.62] 2X Ø 25,4 [1.00] 20,3 [.80] CONDUIT OPENING LOCATION LSG SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 29,4 [1.16] 41,1 [1.62] 70,4 [2.77] 59,4 [2.34] 20,3 [.80] 36,6 [1.44] 39,0 [1.54] 44,4 [1.75] 75,8 [2.98] 21,6 [0.85] 19,0 [.75] 14,7 [1.56] 37,5 [1.48] OPERATING POINT 76,2 [3.00] Ø 9,7 [.38] 101,7 [4.0] 20,3 [.80] 25,4 [1.00] CONDUIT OPENING LOCATION LSG SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 21,6 [.85] 2X Ø 9,7 [.38] 76,2 [3.00] 14,7 [1.56] 37,5 [1.48] OPERATING POINT 19,0 [.75] 59,4 [2.34] 29,4 [1.16] 47,8 [1.88] 82,6 [3.25] 18,8 [.74] 26,4 [1.04] 45,3 [1.78] 89,7 [3.53] 119,1 [4.69] 20,32 [.80] 38,1 [1.50] 2X n 25,4 [1.00] CONDUIT OPENING LOCATION LSG DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS 37,5 [1.48] OPERATING POINT 14,7 [.58] 76,2 [3.00] 19,0 [.75] 2X Ø 9,7 [.38] 59,4 [2.34] 82,6 [3.25] 29,4 [1.16] 47,8 [1.88] 21,3 [.84] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 119,1 [4.69] 21,6 [.85] 20,3 [.80] 2X Ø 25,4 [1.00] CONDUIT OPENING LOCATION LSG DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 23. MICRO SWITCH HDLS LSG Series maintained contact side plunger (double pole) dimensions |