Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSV7L Fiches technique(PDF) 25 Page - Honeywell Solid State Electronics Center

No de pièce LSV7L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSV7L Fiches technique(HTML) 25 Page - Honeywell Solid State Electronics Center

Back Button LSV7L Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 27Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 28Page - Honeywell Solid State Electronics Center LSV7L Datasheet HTML 29Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Sensing and Internet of Things
25
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 16. MICRO SWITCH HDLS LSE Series side plain plunger
(single pole) dimensions
16,5
[.65]
25,4
[1.00]
39,1
[1.54]
44,5
[1.75]
74,9
[2.95]
19,0
[.75]
21,6
[.85]
33,0
[1.30]
OPERATING
POINT
Ø9,4
[.37]
14,7
[.58]
39,6
[1.56]
31,5
[1.24]
59,4
[2.34]
70,4
[2.77]
41,1
[1.62]
29,4
[1.16]
20,3
[.80]
Ø25,4
[1.00]
CONDUIT OPENING
LOCATION
LSE SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
DIMS: MM
[IN]
18,8
[.74]
26,4
[1.04]
38,1
[1.50]
89,7
[3,53]
21,6
[.85]
33,0
[1.30]
OPERATING
POINT
Ø 9,4
[.37]
39,6
[1.56]
14,7
[.58]
19,0
[.75]
70,4
[2.77]
59,5
[2.34]
31,5
[1.24]
29,4
[1.16]
47,8
[1.88]
20,3
[.80]
Ø 25,4
[1.00]
CONDUIT OPENING
LOCATION
LSE DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
21,6
[.85]
33,0
[1.30]
OPERATING
POINT
Ø 9,4
[.37]
39,6
[1.56]
19,0
[.75]
31,5
[1.24]
14,7
[.58]
59,5
[2.34]
82,6
[3.25]
29,4
[1.16]
47,8
[1.88]
38,1
[1.50]
21,3
[.84]
45,3
[1.78]
89,7
[3.53]
20,3
[.80]
Ø 25,4
[1.00]
CONDUIT OPENING
LOCATION
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
LSE DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])
Figure 17. MICRO SWITCH HDLS LSE Series side plain plunger
(double pole) dimensions
21,6
[.85]
33,0
[1.30]
OPERATING
POINT
Ø9,4
[.37]
75,8
[2.98]
20,3
[.80]
39,0
[1.54]
36,6
[1.44]
44,4
[1.75]
41,1
[1.62]
29,4
[1.16]
59,4
[2.34]
31,5
[1.24]
19,0
[.75]
70,4
[2.77]
39,6
[1.56]
14,7
[.58]
Ø 25,4
[1.00]
20,3
[.80]
CONDUIT OPENING
LOCATION
LSE SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38