Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSB7L Fiches technique(PDF) 28 Page - Honeywell Solid State Electronics Center

No de pièce LSB7L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSB7L Fiches technique(HTML) 28 Page - Honeywell Solid State Electronics Center

Back Button LSB7L Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 27Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 28Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 29Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSB7L Datasheet HTML 32Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 22. MICRO SWITCH HDLS LSG Series maintained
contact side plunger (single pole) dimensions
16,5
[.65]
25,4
[1.00]
39,1
[1.54]
44,5
[1.75]
74,9
[2.95]
21,6
[0.85]
Ø 9,47
[.38]
76,2
[3.00]
37,5
[1.48]
OPERATING POINT
14,7
[.58]
19,0
[.75]
59,4
[2.34]
70,4
[2.77]
29,4
[1.16]
41,1
[1.62]
2X Ø 25,4
[1.00]
20,3
[.80]
CONDUIT OPENING
LOCATION
LSG SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
29,4
[1.16]
41,1
[1.62]
70,4
[2.77]
59,4
[2.34]
20,3
[.80]
36,6
[1.44]
39,0
[1.54]
44,4
[1.75]
75,8
[2.98]
21,6
[0.85]
19,0
[.75]
14,7
[1.56]
37,5
[1.48]
OPERATING POINT
76,2
[3.00]
Ø 9,7
[.38]
101,7
[4.0]
20,3
[.80]
25,4
[1.00]
CONDUIT OPENING
LOCATION
LSG SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
21,6
[.85]
2X Ø 9,7
[.38]
76,2
[3.00]
14,7
[1.56]
37,5
[1.48]
OPERATING POINT
19,0
[.75]
59,4
[2.34]
29,4
[1.16]
47,8
[1.88]
82,6
[3.25]
18,8
[.74]
26,4
[1.04]
45,3
[1.78]
89,7
[3.53]
119,1
[4.69]
20,32
[.80]
38,1
[1.50]
2X n 25,4
[1.00]
CONDUIT OPENING
LOCATION
LSG DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
37,5
[1.48]
OPERATING POINT
14,7
[.58]
76,2
[3.00]
19,0
[.75]
2X Ø 9,7
[.38]
59,4
[2.34]
82,6
[3.25]
29,4
[1.16]
47,8
[1.88]
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
119,1
[4.69]
21,6
[.85]
20,3
[.80]
2X Ø 25,4
[1.00]
CONDUIT OPENING
LOCATION
LSG DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])
Figure 23. MICRO SWITCH HDLS LSG Series maintained
contact side plunger (double pole) dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38