| Moteur de recherche de fiches techniques de composants électroniques |
|
LSB7L Fiches technique(PDF) 26 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSB7L Fiches technique(HTML) 26 Page - Honeywell Solid State Electronics Center |
|
26 / 38 page ![]() 26 sensing.honeywell.com MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 18. MICRO SWITCH HDLS LSF Series side roller plunger (single pole) dimensions 44,2 [1.74] OPERATING POINT 21,6 [.85] 14,7 [.58] 39,6 [1.56] 4,8 [.19] 31,5 [1.24] 19,0 [.75] 59,4 [2.34] 70,4 [2.77] 29,4 [1.16] 41,1 [1,62] 44,4 [1.54] 39,1 [1.54] 25,4 [1.00] 16,5 [.65] 74,9 [2.95] 20,3 [.80] 12,7 [.50] ROLLER DIAMETER 25,4 [1.00] CONDUIT OPENING LOCATION LSF SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS DIMS: MM [IN] 21,6 [.85] 44,2 [1.74] OPERATING POINT 4,8 [.19] 19,0 [.75] 14,7 [.58] 39,6 [1.56] 31,5 [1.24] 59,4 [2.34] 70,4 [2.77] 29,4 [1.16] 41,1 [1,62] 20,3 [.80] 36,6 [1.44] 39,0 [1.54] 44,4 [1.75] 75,8 [2.98] 20,3 [.80] 12,7 [.50] ROLLER DIAMETER 25,4 [1.00] CONDUIT OPENING LOCATION LSF SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 18,8 [.74] 26,4 [1.04] 45,3 [1.78] 89,7 [3,53] 21,6 [.85] 44,2 [1.74] OPERATING POINT 14,7 [.58] 39,6 [1.56] 19,0 [.75] 4,8 [.19] 31,5 [1.24] 82,6 [3.25] 59,5 [2.34] 29,4 [1.16] 47,8 [1.88] 20.3 [.80] 12.7 [.50] ROLLER DIAMETER 38,1 [1.50] 25,4 [1.00] CONDUIT OPENING LOCATION LSF DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH 21,6 [.85] 19,0 [.75] 4,8 [.19] 14,7 [.58] 39,6 [1.56] 31,5 [1.24] 59,5 [2.34] 82,6 [3.25] 29,4 [1.16] 47,8 [1.88] 21,3 [.84] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 20,3 [.80] 44,2 [1.74] OPERATING POINT n 25,4 [1.00] 12,7 [.50] ROLLER DIAMETER CONDUIT OPENING LOCATION LSF DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 19. MICRO SWITCH HDLS LSF Series side roller plunger (double pole) dimensions |