Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7341EBZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 6Page - Analog Devices ADV7341EBZ Datasheet HTML 7Page - Analog Devices ADV7341EBZ Datasheet HTML 8Page - Analog Devices ADV7341EBZ Datasheet HTML 9Page - Analog Devices ADV7341EBZ Datasheet HTML 10Page - Analog Devices ADV7341EBZ Datasheet HTML 11Page - Analog Devices ADV7341EBZ Datasheet HTML 12Page - Analog Devices ADV7341EBZ Datasheet HTML 13Page - Analog Devices ADV7341EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 10 of 88
TIMING DIAGRAMS
The following abbreviations are used in Figure 2 to Figure 13:
•
t9 = Clock high time
•
t10 = Clock low time
•
t11 = Data setup time
•
t12 = Data hold time
•
t13 = Control output access time
•
t14 = Control output hold time
In addition, refer to Table 31 for the ADV7340/ADV7341 input
configuration.
t9
CLKIN_A
t10
CONTROL
OUTPUTS
S_HSYNC,
S_VSYNC
Cr2
Cb2
Cr0
Cb0
*SELECTED BY SUBADDRESS 0x01, BIT 7.
IN MASTER/SLAVE MODE
IN SLAVE MODE
Y0
Y1
Y2
S9 TO S0/
Y9 TO Y0*
CONTROL
INPUTS
t12
t11
t13
t14
Figure 2. SD Only, 8-/10-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 000)
IN MASTER/SLAVE MODE
IN SLAVE MODE
CLKIN_A
CONTROL
OUTPUTS
S_HSYNC,
S_VSYNC
*SELECTED BY SUBADDRESS 0x01, BIT 7.
S9 TO S0/
Y9 TO Y0*
Y9 TO Y0/
C9 TO C0*
CONTROL
INPUTS
t9
t10
Cr2
Cb2
Cr0
Cb0
Y0
Y1
Y2
Y3
t12
t14
t11
t13
Figure 3. SD Only, 16-/20-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88