| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7341EBZ Fiches technique(PDF) 79 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7341EBZ Fiches technique(HTML) 79 Page - Analog Devices |
|
79 / 88 page ![]() ADV7340/ADV7341 Rev. 0 | Page 79 of 88 522 523 524 525 9 10 11 20 21 22 DISPLAY DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 283 284 285 ODD FIELD EVEN FIELD DISPLAY DISPLAY VERTICAL BLANK 5 7 6 4 3 2 1 8 HSYNC VSYNC HSYNC VSYNC Figure 107. SD Slave Mode 2, NTSC 622 623 624 625 21 22 23 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD DISPLAY 309 310 311 312 313 314 315 316 317 318 319 334 335 336 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD DISPLAY 320 7 6 5 4 3 2 1 HSYNC VSYNC HSYNC VSYNC Figure 108. SD Slave Mode 2, PAL Mode 2—Master Option (Subaddress 0x8A = X X X X X 1 0 1) In this mode, the ADV7340/ADV7341 can generate horizontal and vertical sync signals. A coincident low transition of both HSYNC and VSYNC inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even field. The ADV7340/ADV7341 automatically blank all normally blank lines as per CCIR-624. HSYNC and VSYNC are output on the S_HSYNC and S_VSYNC pins, respectively. Cb Y PIXEL DATA HSYNC VSYNC PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 Y Cr Figure 109. SD Timing Mode 2, Even-to-Odd Field Transition (Master/Slave) |