| Moteur de recherche de fiches techniques de composants électroniques |
|
166364 Fiches technique(PDF) 16 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
166364 Fiches technique(HTML) 16 Page - Eaton All Rights Reserved. |
|
16 / 36 page ![]() 15 Busbar Connection Examples according to IEC 60364-5-53 Clause 534 SPD Class B+C SPI B SPC C Lightning current arrester . . .SPI-35/440 . . .SPI-100/NPE for protection class I, II, III, IV SPI-50/NPE for protection class III, IV . . .SPCT2-460/3 Lead-through terminal . . .SPB-D-125 Busbar . . .Z-GV-U/6 . . .Z-GV-U/9 . . .Z-GV-16/3P-3TE/6 CT2 . .Connection type 2 3 x 240/415 V AC 3 x 230/400 V AC 3 x 220/380 V AC TN-C-System TT-System 3 x 230 VAC IT-System 3 x 230 VAC SP-B+C/3 4 wires SP-B+C/3 4 wires 3 x 240/415 V AC 3 x 230/400 V AC 3 x 220/380 V AC TN-S-System TT-System IT-System 3 x 230/400 VAC SP-B+C/3+1 CT2 5 wires Surge Protection |