| Moteur de recherche de fiches techniques de composants électroniques |
|
166364 Fiches technique(PDF) 15 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
166364 Fiches technique(HTML) 15 Page - Eaton All Rights Reserved. |
|
15 / 36 page ![]() 14 Surge Protection Busbar Connection Examples according to IEC 60364-5-53 Clause 534 SPD Class B SPI B Lightning current arrester . . .SPI-35/440 . . .SPI-100/NPE for protection class I, II, III, IV SPI-50/NPE for protection class III, IV Lead-through terminal . . .SPB-D-125 Busbar . . .Z-GV-U/2 . . .Z-GV-U/3 . . .Z-GV-U/4 . . .Z-GV-U/4 at SPI-100/NPE Z-GV-U/3 at SPI-50/NPE . . .Z-GV-U/6 (Z-GV-U/5 at SPI-50/NPE) CT1 . .Connection type 1 CT2 . .Connection type 2 3 x 240/415 V AC 3 x 230/400 V AC 3 x 220/380 V AC TN-C-System TT-System 3 x 230 VAC IT-System 3 x 230 VAC SPI-35/440/3 4 wires 2 wires SPI-35/440/3 4 wires 3 wires 3 x 240/415 V AC 3 x 230/400 V AC 3 x 220/380 V AC TN-S-System TT-System IT-System 3 x 230/400 VAC SPI-3+1 CT2 CT2 5 wires 3 wires TN-S-System CT1 CT1 5 wires 3 wires |