| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BL162C Fiches technique(PDF) 24 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BL162C Fiches technique(HTML) 24 Page - SPANSION |
|
24 / 50 page ![]() 22 Am29BL162C July 8, 2005 DA T A SH EET valid operation. See “Reset Command” for more infor- mation. The system must write the Erase Resume command (address bits are “don’t care”) to exit the erase suspend mode and continue the sector erase operation. Further writes of the Resume command are ignored. Another Erase Suspend command can be written after the de- vice has resumed erasing. |