| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BL162C Fiches technique(PDF) 29 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BL162C Fiches technique(HTML) 29 Page - SPANSION |
|
29 / 50 page ![]() July 8, 2005 Am29BL162C 27 DA T A SH EET Table 9. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See “DQ5: Exceeded Timing Limits” for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. Operation DQ7 (Note 2)DQ6 DQ5 (Note 1)DQ3 DQ2 (Note 2)RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Reading within Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |