| Moteur de recherche de fiches techniques de composants électroniques |
|
QSMP Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QSMP Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 17 page ![]() QSMP PIN QSCOM STANDARD MP1 PAD Alternate Function 0-3 Alternate Function 4-7 Alternate Function 8-11 Alternate Function 12-15 Remarks Additional functions 18 SAI_FS PI7 - - - TIM8_CH3 - - - - - - SAI2_FS_A - - DCMI_D7 LCD_B7 EVENTOUT ETHERNET 19 ENET_RST PA4 HDP0 - TIM5_ETR - SAI4_D2 SPI1_NSS/I2S1_WS SPI3_NSS/I2S3_WS USART2_CK SPI6_NSS - - - SAI4_FS_A DCMI_HSYNC LCD_VSYNC EVENTOUT ADC1_INP18, ADC2_INP18, DAC_OUT1 20 ENET_CK125 PG5 - TIM1_ETR - - - - - - - - - ETH1_RGMII_CLK125 FMC_A15 - - EVENTOUT 21 ENET_INT PA9 - TIM1_CH2 - - I2C3_SMBA SPI2_SCK/I2S2_CK - USART1_TX SDMMC2_CDIR - SDMMC2_D5 - - DCMI_D0 LCD_R5 EVENTOUT 22 ENET_MDIO PA2 - TIM2_CH3 TIM5_CH3 LPTIM4_OUT TIM15_CH1 - - USART2_TX SAI2_SCK_B - SDMMC2_D0DIR ETH1_MDIO MDIOS_MDIO - LCD_R1 EVENTOUT ADC1_INP14, WKUP2 23 ENET_MDC PC1 TRACED0 - SAI1_D1 DFSDM1_DATIN0 DFSDM1_CKIN4 SPI2_MOSI/I2S2_SDO SAI1_SD_A - - SDMMC2_CK - ETH1_MDC MDIOS_MDC - - EVENTOUT ADC1_INP11, ADC1_INN10, ADC2_INP11, ADC2_INN10, TAMP_IN3, WKUP6 24 ENET_RXC PA1 ETH_CLK TIM2_CH2 TIM5_CH2 LPTIM3_OUT TIM15_CH1N - - USART2_RTS/USART2_DE UART4_RX QUADSPI_BK1_IO3 SAI2_MCLK_B ETH1_RGMII_RX_CLK/ ETH1_RMII_REF_CLK - - LCD_R2 EVENTOUT ADC1_INP17, ADC1_INN16 25 ENET_RX_CTL PA7 - TIM1_CH1N TIM3_CH2 TIM8_CH1N SAI4_D1 SPI1_MOSI/I2S1_SDO - - SPI6_MOSI TIM14_CH1 QUADSPI_CLK ETH1_RGMII_RX_CTL/ ETH1_RMII_CRS_DV SAI4_SD_A - - EVENTOUT ADC1_INP7, ADC1_INN3, ADC2_INP7, ADC2_INN3 26 ENET_RXD0 PC4 - - - DFSDM1_CKIN2 - I2S1_MCK - - - SPDIFRX_IN2 - ETH1_RGMII_RXD0/ ETH1_RMII_RXD0 - - - EVENTOUT ADC1_INP4, ADC2_INP4 27 ENET_RXD1 PC5 - - SAI1_D3 DFSDM1_DATIN2 SAI4_D4 - SAI1_D4 - - SPDIFRX_IN3 - ETH1_RGMII_RXD1/ ETH1_RMII_RXD1 SAI4_D3 - - EVENTOUT ADC1_INP8, ADC1_INN4, ADC2_INP8, ADC2_INN4 28 ENET_RXD2 PB0 - TIM1_CH2N TIM3_CH3 TIM8_CH2N - - DFSDM1_CKOUT - UART4_CTS LCD_R3 - ETH1_RGMII_RXD2 MDIOS_MDIO - LCD_G1 EVENTOUT ADC1_INP9, ADC1_INN5, ADC2_INP9, ADC2_INN5 29 ENET_RXD3 PH7 - - - - I2C3_SCL SPI5_MISO - - - - - ETH1_RGMII_RXD3 MDIOS_MDC DCMI_D9 - EVENTOUT 30 ENET_TX_CTL PB11 - TIM2_CH4 - LPTIM2_ETR I2C2_SDA - DFSDM1_CKIN7 USART3_RX - - - ETH1_RGMII_TX_CTL/ ETH1_RMII_TX_EN - DSI_TE LCD_G5 EVENTOUT 31 ENET_TXC PG4 - TIM1_BKIN2 - - - - - - - - - ETH1_RGMII_GTX_CLK FMC_A14 - - EVENTOUT 32 ENET_TXD3 PB8 HDP6 TIM16_CH1 TIM4_CH3 DFSDM1_CKIN7 I2C1_SCL SDMMC1_CKIN I2C4_SCL SDMMC2_CKIN UART4_RX FDCAN1_RX SDMMC2_D4 ETH1_RGMII_TXD3 SDMMC1_D4 DCMI_D6 LCD_B6 EVENTOUT 33 ENET_TXD2 PC2 - - - DFSDM1_CKIN1 - SPI2_MISO/I2S2_SDI DFSDM1_CKOUT - - - - ETH1_RGMII_TXD2 - DCMI_PIXCLK - EVENTOUT ADC1_INP12, ADC1_INN11 Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10) www.karo-electronics.de |