| Moteur de recherche de fiches techniques de composants électroniques |
|
TMPR4955AF Fiches technique(PDF) 123 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Fiches technique(HTML) 123 Page - Toshiba Semiconductor |
|
123 / 168 page ![]() Chapter 6 TX4955A System Interface 6-51 A read response example for a processor single read request followed by an external agent write request is illustrated in Figure 6.3.21. Write EOD EOD Data Data Read Addr Addr 812 6 11 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* EReq* EValid* PValid* PMaster* Figure 6.3.21 Single Read Request Followed By External Write Request (External Agent Keeps Bus) An example of a read response for a processor single word read request that is interrupted by an external agent write request is illustrated in Figure 6.3.22. Cycle 5 is the data for the external write request in cycle 4. Cycle 7 is the read response data. Write EOD EOD Data Data Read Addr Addr 812 6 11 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* EValid* PValid* PMaster* Figure 6.3.22 External Write Followed By External Read Response, System Interface In Slave State |