Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPR4955AF Fiches technique(PDF) 47 Page - Toshiba Semiconductor

No de pièce TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Fiches technique(HTML) 47 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 43Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 44Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 45Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 46Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 47Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 48Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 49Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 50Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
開発中
Chapter 2 Features
2-3
2.2
Pin Description
2.2.1
TX4955A pin out (160-pin QFP)
Table 2.2.1 TX4955A Pin Out
1
Vss
41
Vss
81
VccInt
121
SysAD28
2
BufSel1
42
TRST*
82
NMI*
122
SysAD29
3JTDO
43
RdRdy*
83
ExtRqst*
123
VccInt
4JTDI
44
WrRdy*
84
Reset*
124
Vss
5JTCK
45
ValidIn*
85
ColdReset*
125
SysAD30
6JTMS
46
ValidOut*
86
VccIO
126
VccIO
7VccIO
47
Release*
87
Endian
127
Vss
8
Vss
48
VccIO
88
VccIO
128
SysAD31
9SysAD4
49
PLLReset*
89
Vss
129
SysADC2
10
SysAD5
50
VccInt
90
SysAD16
130
VccInt
11
VccInt
51
TintDis
91
VccInt
131
Vss
12
Vss
52
Vss
92
Vss
132
SysADC3
13
SysAD6
53
SysCmd0
93
SysAD17
133
VccIO
14
VccIO
54
SysCmd1
94
SysAD18
134
Vss
15
Vss
55
SysCmd2
95
VccIO
135
SysADC0
16
SysAD7
56
SysCmd3
96
Vss
136
VccInt
17
SysAD8
57
SysCmd4
97
SysAD19
137
Vss
18
VccInt
58
SysCmd5
98
VccInt
138
SysADC1
19
Vss
59
VccIO
99
Vss
139
SysAD0
20
SysAD9
60
Vss
100
SysAD20
140
VccIO
21
VccIO
61
SysCmd6
101
SysAD21
141
Vss
22
Vss
62
SysCmd7
102
VccIO
142
SysAD1
23
SysAD10
63
SysCmd8
103
Vss
143
SysAD2
24
SysAD11
64
SysCmdP
104
SysAD22
144
VccInt
25
VccInt
65
VccInt
105
VccInt
145
Vss
26
Vss
66
Vss
106
Vss
146
SysAD3
27
SysAD12
67
VccIO
107
SysAD23
147
PCST8
28
VccIO
68
HALT/DOZE
108
SysAD24
148
PCST7
29
Vss
69
Int0*
109
VccIO
149
PCST6
30
SysAD13
70
Int1*
110
Vss
150
PCST5
31
SysAD14
71
Int2*
111
SysAD25
151
PCST4
32
VccInt
72
Int3*
112
VccInt
152
VccIO
33
Vss
73
Int4*
113
Vss
153
Vss
34
SysAD15
74
Int5*
114
SysAD26
154
VccIO
35
BufSel1
75
VccIO
115
SysAD27
155
VssPLL
36
PCST3
76
Vss
116
VccIO
156
PLLCAP
37
PCST2
77
TPC3
117
MODE43*
157
VccPLL
38
PCST1
78
TPC2
118
DivMode1
158
Vss
39
PCST0
79
TPC1
119
DivMode0
159
MasterClock
40
VccIO
80
DCLK
120
Vss
160
VccIO
Note: “*” means the signal is the low-active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More