Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPR4955AF Fiches technique(PDF) 121 Page - Toshiba Semiconductor

No de pièce TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Fiches technique(HTML) 121 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 117Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 118Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 119Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 120Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 121Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 122Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 123Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 124Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 168 page
background image
Chapter 6 TX4955A System Interface
6-49
EOD
Write
Data
Addr
812
611
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
EReq*
EValid*
PValid*
PMaster*
Figure 6.3.18 External Write Request
An example of a read response for a processor single word read request that is
interrupted by an external agent write request is illustrated in Figure 6.3.22. External
writes can not occur in the middle of a data response block; they can, however, occur before
the first data response of the data block or after the last EOD response, but it can not occur
between them.
Note: The only writable resources are processor interrupts. An external write to any
address is treated as a write to the processor interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More