Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST4SI2M0020TPIFW Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 13Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 14Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 15Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 16Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 17Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Figure 10. Solder joint side view
Figure 11. Solder joint top view
This package is compliant with machine to machine form factor defined by ETSI in TS 102 671.
7.1.2
Pinout information
This package is compatible with the MFF2 package defined by ETSI 102 671 release 12. The pinout details are
described in the following figure and table together with PCB integrations recommendations in Figure 13.
Figure 12. VFDFPN8 pinout (top view)
1
2
3
4
5
6
7
8
VCC
RESET
CLK
NC
GND
SWIO
I/O
NC
Table 4. Pin descriptions
Name
Description
Pin state
GND
Ground supply
-
SWIO
Not used
Input pull-up
RESET
External reset
Input pull-down
I/O
Input/output
Pull-down then pull-up after card activation
CLK
External clock
Pull-down
VCC
Power supply
-
NC
Not connected internally
-
ST4SIM-200M
VFDFPN8 package information
DB4082 - Rev 5
page 14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26