Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST4SI2M0020TPIFW Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 2Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 3Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 4Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 5Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 6Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
The ST4SIM-200M can host up to 7 profiles. Each profile has sufficient memory size available in the device or can
have a specific memory size coded using the cumulative granted memory defined by GlobalPlatform amendment
C.
This profile is described by the SIMalliance interoperable profile package specification.
The ST4SIM-200M fully supports SIMalliance interoperable profile package v2.1. No proprietary features are
introduced and profiles are coded according to ASN.1 / DER coding.
The ST4SIM-200M is an interoperable solution. The device already integrates most of main operators (MNO /
MVNO) and it is possible to integrate any operator profile or personalized profile compliant with the SIMalliance
specification.
ST4SIM-200M
eSIM GSMA solution
DB4082 - Rev 5
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26