Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IIS2ICLX Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce IIS2ICLX
Description  STWIN.box - SensorTile Wireless Industrial Node Development Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Fiches technique(HTML) 3 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1
Solution overview
Predictive maintenance applications collect and process data from a wide variety of sensors in order to identify
potential failures in machinery before they happen. A principal requirement of such applications is that the
condition monitoring equipment is placed very close to relevant machine componentry for the data to be reliable,
which is why the STWIN.box node is designed to be small but robust, self-powered and capable of wireless
communication. Another application issue is the high volumes of preferably real-time data processing involved,
which can overwhelm centralized monitoring and control systems, and corresponding communication networks.
Distributed (or decentralized) computing architectures represent a valid solution to this problem by performing
data preprocessing and analytical operations directly on the node. The STWIN kit supports and can demonstrate
this concept through sample applications in the firmware package running on the STM32U5 ultra-low-power
microcontroller embedded on the core system board. An additional possibility is provided by the embedded
processing capabilities of the IIS2ICLX and the ISM330DHCX sensors, thanks to their programmable finite state
machine and machine learning core.
Figure 1. STEVAL-STWINBX1 functional block diagram
STEVAL-STWINBX1
Solution overview
DB4598 - Rev 2
page 3/6



Html Pages

1 2 3 4 5 6