Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IIS2ICLX Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce IIS2ICLX
Description  STWIN.box - SensorTile Wireless Industrial Node Development Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Fiches technique(HTML) 2 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A rich set of software packages is available in source code. Optimized firmware
libraries and a complete companion cloud application help to speed up the design
cycle to develop end-to-end solutions.
The kit supports a broad range of connectivity options, including the built-in RS485
transceiver, BLE, Wi-Fi, and NFC.
The STWIN.box also includes a 34-pin expansion connector for small form factor
daughter boards associated with the STM32 family, such as the STEVAL-C34KAT1
vibrometer and temperature sensors expansion board.
The STWIN.box is suitable for field trials, demonstrations, and PoC for industrial IoT
applications that use ST software and third-party software.
STEVAL-STWINBX1
DB4598 - Rev 2
page 2/6



Html Pages

1 2 3 4 5 6