| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2104LU/2 Fiches technique(PDF) 16 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
PCF2104LU/2 Fiches technique(HTML) 16 Page - Motorola, Inc |
|
16 / 56 page ![]() 1997 Dec 16 16 Philips Semiconductors Product specification LCD controller/driver PCF2104x Fig.11 Typical LCD waveforms; 2-line mode. handbook, full pagewidth MGA803 - 1 VDD V 2 V V V V 3 4 5 LCD ROW 1 VDD V 2 V V V V 3 4 5 LCD VDD V 2 V V V V 3 4 5 LCD COL 1 VDD V 2 V V V V 3 4 5 LCD state 1 (ON) state 2 (ON) 0.15 VOP 0 V VOP VOP VOP state 1 2-line display (1:32) frame n 1 frame n ROW 9 ROW 2 COL 2 VDD V 2 V V V V 3 4 5 LCD 0.15 VOP 0.15 VOP 0 V 0.15 VOP VOP state 2 123 32 12 3 32 |