| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2104LU/2 Fiches technique(PDF) 15 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
PCF2104LU/2 Fiches technique(HTML) 15 Page - Motorola, Inc |
|
15 / 56 page ![]() 1997 Dec 16 15 Philips Semiconductors Product specification LCD controller/driver PCF2104x Fig.10 Typical LCD waveforms; 1-line mode. handbook, full pagewidth MGA802 - 1 VDD V2 V V 5 LCD ROW 1 COL 1 state 1 (ON) state 2 (ON) 0.25 VOP 0 V state 1 1-line display (1:16) frame n 1 frame n ROW 9 ROW 2 COL 2 state 2 12 3 16 1 2 3 16 34 V /V VDD V2 V V 5 LCD 34 V /V VDD V2 V V 5 LCD 34 V /V VDD V2 V V 5 LCD 34 V /V VDD V2 V V 5 LCD 3 4 V /V 0.25 VOP 0.25 VOP 0 V 0.25 VOP VOP VOP VOP VOP |