Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVC Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 5Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 9Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 10Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 11Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 12Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Am79C901A
9
PR ELI M IN AR Y
CONNECTION DIAGRAM (PQT 80)
22304B-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
NC
NC
RX01
RXD0/RXOAT
DVSS
RX_DV
DVDD
RX_CLK/RXCLK
AVDD
PHY_SEL
DVDD
RX_ER
DVSS
GM_MODE
TX_CLK/TXCLK
TX_EN/TXEN
TXD0/TXDAT
TXD1/SDI
NC
NC
NC
NC
RX-
AVDD
RX+
AVSS
TX-
AVDD
TX+
AVSS
IREF
AVDD
HRTXRXP
AVDD
HRTXRXN
AVSS
AVSS
AVDD
NC
NC
Am79C901A
HomePHY
Note: NC pins are reserved and should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90