Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVC Fiches technique(PDF) 27 Page - Advanced Micro Devices

No de pièce AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Fiches technique(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 23Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 24Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 25Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 26Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 27Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 28Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 29Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 30Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Am79C901A
27
PR ELI M IN AR Y
Table 3.
SPI Op Codes
Figure 10.
SPI Read Operation
Figure 11.
Aborted Operation of the SPI Interface
Figure 12.
First Operation Following an Abort
SDI
Op Codes
Address
Data In
ST
OP
PHYADD
REGADD
ED
READ
01
10
AAAAA
RRRRR
10
Don’t Care
WRITE
01
01
AAAAA
RRRRR
10
D15………D0
SDO
Error Code
Data Out
READ
0000 = No Error/AAAA = Error Detected
D15...D0
WRITE
0000 = No Error/AAAA = Error Detected
Don’t Care
31
32
15
16
17
18
1234
SCLK
SDO
SDI
CS
Start
Frame
Read
Command
End
Delimiter
22304B-12
SCLK
CS
SDI
SDO
1
2
3
4
5
6
7
8
9
10
11
12
13
Op Codes
Address
Error Code = 0
22304B-13
SCLK
CS
SDI
SDO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
30
31
32
Op Codes
Address
Data In
Data Out
Error Code = AAAA
22304B-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90