Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N7002-AE3-R Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce 2N7002-AE3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002-AE3-R Fiches technique(HTML) 5 Page - Unisonic Technologies

  2N7002-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2N7002-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2N7002-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2N7002-AE3-R Datasheet HTML 4Page - Unisonic Technologies 2N7002-AE3-R Datasheet HTML 5Page - Unisonic Technologies 2N7002-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N7002
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5
www.unisonic.com.tw
QW-R206-037,B
TYPICAL CHARACTERICS (cont.)
100
75
0
-25
1.1
1.05
1
-50
0.925
11.2
0.8
0.4
1
0.5
0.1
0.05
0.01
0.2
0.005
25
50
150
125
0.95
1.025
1.075
1.4
0.001
0.975
0.6
2
JUCTION TEMPERATURE, TJ (°C)
Figure 9. Breakdown Voltage Varisation
with Temperature
ID = 250μA
BODY DIODE FORWARD VOLTAGE , VSD (V)
Figure 10. Body Diode Forward Voltage Varisation
with Temperature
VGS=0V
TJ =125℃
25℃
110
20
5
3
2
2
0.8
0.4
0
1.2
1.6
20
5
10
2
40
1
10
8
6
4
2
0
50
30
60
280mA
115 mA
DRAIN TO SOURCE VOLTAGE, VDS (V)
Figure 11. Capacitance Characteristics
VGS=0V
f=1MHz
Crss
Coss
Ciss
GATE CHARGE, Qg (nC)
Figure 12. Gate Charge Characteristics
ID = 500mA
VDS = 25V
60 80
10
20
5
2
0.5
0.05
0.1
0.01
1
0.005
30
2
3
RD
S(O
N)L
imi
t
100μ
s
1
DRAIN TO SOURCE VOLTAGE, VDS (V)
Figure 13. Maximum Safe Operating Area
VGS=0V
SINGLE PULSE
TA=25℃
300
0.001
10
1
t1, TIME (sec)
100
1
0.1
0.01
0.001
0.0001
0.002
0.01
0.05
0.1
0.2
0.5
Figure 14. Transient Thermal Response Curve
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
t1
t2
TJ×TA=P×RθJA (t)
Duty Cycle, D=t1/t2
P (pk)
RθJA (t)=r (t)×RθJA
RθJA =(See Datasheet)
1ms
10ms
RDS(
ON)
Lim
it
1s
10s
DC



Html Pages

1 2 3 4 5 6