| Moteur de recherche de fiches techniques de composants électroniques |
|
2N7002-AE3-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2N7002-AE3-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() 2N7002 MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 www.unisonic.com.tw QW-R206-037,B ABSOLUTE MAXIMUM RATINGS (Ta=25°C unless otherwise noted.) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 60 V Drain-Gate Voltage (RGS ≤1MΩ) VDGR 60 V Continuous ±20 Gate Source Voltage Non Repetitive(tp<50 µs) VGSS ±40 V Continuous 115 Maximum Drain Current Pulsed ID 800 mA Maximum Power Dissipation Derated above 25 °C PD 200 1.6 mW mW/ °C Operating Temperature TOPR 0 ~ +70 °C Storage Temperature TSTG -40 ~ +150 THERMAL CHARACTERISTICS PARAMETER SYMBOL RATINGS UNIT Thermal Resistance, Junction to Ambient θJA 625 °C/W ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS VGS=0V, ID=10µA 60 V 0.5 mA Zero Gate Voltage Drain Current IDSS VDS=60V, VGS =0V TJ=125°C 1 µA Gate-Body leakage, Forward IGSSF VGS =20V, VDS=0V 100 nA Gate-Body leakage Reverse IGSSR VGS =-20V, VDS=0V -100 nA ON CHARACTERISTICS (Note) Gate Threshold Voltage VGS (th) VGS = VDS, ID=250µA 1 2.1 2.5 V VGS = 10V, ID=500mA 0.6 3.75 Drain-Source On-Voltage VDS (ON) VGS = 5.0V, ID=50mA 0.09 1.5 V On-State Drain Current ID(ON) VGS=10V,VDS≥2VDS(ON) 500 2700 mA VGS =10V, ID=500mA TJ=100°C 1.2 1.7 7.5 13.5 Ω Static Drain-Source On-Resistance RDS (ON) VGS =5.0V, ID=50mA TJ=100°C 1.7 2.4 7.5 13.5 Forward Transconductance gFS VDS≥2VDS(ON), ID=200mA 80 320 mS DYNAMIC CHARACTERISTICS Input Capacitance Ciss VDS=25V,VGS=0V,f=1.0MHz 20 50 pF Output Capacitance Coss 11 25 pF Reverse Transfer Capacitance Crss 4 5 pF Turn-On Time tON VDD=30V, RL=150Ω ID=200mA, VGS =10V RGEN =25Ω 20 nS Turn-Off Time tOFF VDD=30V, RL=25Ω ID=200mA, VGS=10V RGEN =25Ω 20 nS DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS Drain-Source Diode Forward Voltage VSD VGS=0V, Is=115mA (Note ) 0.88 1.5 V Maximum Pulsed Drain-Source Diode Forward Current ISM 0.8 A Maximum Continuous Drain-Source Diode Forward Current Is 115 mA Note: Pulse Test: Pulse Width≤300µs, Duty Cycle≤2.0% |