Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFQ68 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BFQ68
Description  NPN 4 GHz wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ68 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BFQ68 Datasheet HTML 1Page - NXP Semiconductors BFQ68 Datasheet HTML 2Page - NXP Semiconductors BFQ68 Datasheet HTML 3Page - NXP Semiconductors BFQ68 Datasheet HTML 4Page - NXP Semiconductors BFQ68 Datasheet HTML 5Page - NXP Semiconductors BFQ68 Datasheet HTML 6Page - NXP Semiconductors BFQ68 Datasheet HTML 7Page - NXP Semiconductors BFQ68 Datasheet HTML 8Page - NXP Semiconductors BFQ68 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ68
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
25
V
VCEO
collector-emitter voltage
open base
18
V
VEBO
emitter-base voltage
open collector
2V
IC
DC collector current
300
mA
Ptot
total power dissipation
up to Tc =110 °C
4.5
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
200
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-c
thermal resistance from junction to case
20 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com