Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFQ68 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BFQ68
Description  NPN 4 GHz wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ68 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BFQ68 Datasheet HTML 1Page - NXP Semiconductors BFQ68 Datasheet HTML 2Page - NXP Semiconductors BFQ68 Datasheet HTML 3Page - NXP Semiconductors BFQ68 Datasheet HTML 4Page - NXP Semiconductors BFQ68 Datasheet HTML 5Page - NXP Semiconductors BFQ68 Datasheet HTML 6Page - NXP Semiconductors BFQ68 Datasheet HTML 7Page - NXP Semiconductors BFQ68 Datasheet HTML 8Page - NXP Semiconductors BFQ68 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ68
DESCRIPTION
NPN transistor mounted in a four-lead
dual-emitter SOT122A envelope with
a ceramic cap. All leads are isolated
from the stud. Diffused
emitter-ballasting resistors and the
application of gold sandwich
metallization ensure an optimum
temperature profile and excellent
reliability properties. It features very
high output voltage capabilities.
It is primarily intended for final stages
in MATV system amplifiers, and is
also suitable for use in low power
band IV and V equipment.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT122A.
fpage
Top view
MBK187
3
1
2
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
18
V
IC
collector current
300
mA
Ptot
total power dissipation
up to Tc =110 °C
4.5
W
fT
transition frequency
IC = 240 mA; VCE = 15 V; f = 500 MHz;
Tj =25 °C
4
GHz
Vo
output voltage
Ic = 240 mA; VCE = 15 V;
dim = −60 dB; RL =75 Ω;
f(p+q−r) = 793.25 MHz; Tamb =25 °C
1.6
V
PL1
output power at 1 dB gain
compression
Ic = 240 mA; VCE = 15 V; RL =75 Ω;
f = 800 MHz; Tamb =25 °C
28
dBm
ITO
third order intercept point
Ic = 240 mA; VCE = 15 V; RL =75 Ω;
f = 800 MHz; Tamb =25 °C
47
dBm
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All
persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com