Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP04CM596XTTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STP04CM596XTTR
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596XTTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STP04CM596XTTR Datasheet HTML 16Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 17Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 18Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 19Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 20Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 21Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 22Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 23Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Package mechanical data
STP04CM596
22/24
Figure 21. Tape and reel dimensions
Table 13. TSSOP16 tape and reel
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24