Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP04CM596XTTR Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STP04CM596XTTR
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596XTTR Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STP04CM596XTTR Datasheet HTML 14Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 15Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 16Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 17Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 18Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 19Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 20Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 21Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
STP04CM596
18/24
Figure 17. Package dimensions
Table 9. DIP-14 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24