| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT521 Fiches technique(PDF) 22 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT521 Fiches technique(HTML) 22 Page - Catalyst Semiconductor |
|
22 / 28 page ![]() Visit our website for samples, data sheets, and additional product information. 20 ALO GENFR TM LEAD FREE PRODUCT LIST I2C Bus Serial EEPROM Family with Partial Array Write Protect Part Number Temp Range Density (org) ICC (Active/ Standby) Min Voltage/ Max Clock Frequency Voltage Range Package (Pin Count)1 SOIC TDFN CAT24WC03 C,I,A,E 2Kb (256x8) 3mA/1µA 1.8V/100kHz,2.5V/100kHz, 4.5V/400kHz 1.8 - 5.5V 8 8 8 8 CAT24WC05 C,I,A,E 4Kb (512x8) 3mA/1µA 1.8V/100kHz,2.5V/100kHz, 4.5V/400kHz 1.8 - 5.5V 8 8 8 8 CAT24FC17 I,E 16Kb (2048x8) 3mA/1µA 1.8V/100kHz,2.5V/400kHz 1.8 - 5.5V 8 8 8 8 8 CAT24WC33 C,I,A,E 32Kb (4096x8) 3mA/1µA 1.8V/100kHz,2.5V/100kHz, 4.5V/400kHz 1.8 - 5.5V 8 8 8 CAT24WC65 C,I,A,E 64Kb (8192x8) 3mA/1µA 1.8V/100kHz,2.5V/100kHz, 4.5V/400kHz 1.8 - 5.5V 8 8 8 CAT24WC66 C,I,A,E 64Kb (8192x8 3mA/1µA 1.8V/400kHz,2.5V/400kHz 1.8 - 5.5V 8 8 8 CAT24FC65 I,E 64Kb (8192x8) 3mA/1µA 2.5V/400kHz 2.5 - 5.5V 8 8 8 8 8 CAT24FC66 I,E 64Kb (8192x8) 3mA/1µA 2.5V/400kHz 2.5 - 5.5V 8 8 8 8 8 CAT24WC129 C,I,A,E 128Kb (16Kx8) 3mA/1µA 1.8V/100kHz,2.5V/400kHz 1.8 - 5.5V 8 8 8 CAT24WC257 C,I,A,E 256Kb (32Kx8) 3mA/1µA 1.8V/100kHz,2.5V/400kHz 1.8 - 5.5V 8 8 SPI Bus Serial EEPROM Family (Mitsubishi Compatible) Part Number Temp Range Density (org) ICC (Active/ Standby) Min Voltage/ Max Clock Frequency Voltage Range Package (Pin Count)1 SOIC CAT64LC10 C,I,A 1Kb (64x16) 1mA/1µA 1MHz 2.5 - 6.0V 8 8 8 8 8 CAT64LC20 C,I,A 2Kb (128x16) 1mA/1µA 1MHz 2.5 - 6.0V 8 8 8 8 8 CAT64LC40 C,I,A 4Kb (256x16) 1mA/1µA 1MHz 2.5 - 6.0V 8 8 8 8 8 s e r i a l e e p r o m s Note: 1. Available in standard and“green”packages. All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com. |