Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT521 Fiches technique(PDF) 4 Page - Catalyst Semiconductor

No de pièce CAT521
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Fiches technique(HTML) 4 Page - Catalyst Semiconductor

  CAT521 Datasheet HTML 1Page - Catalyst Semiconductor CAT521 Datasheet HTML 2Page - Catalyst Semiconductor CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
2
ALO
GENFR
TM
LEAD FREE
Founded in 1985, Catalyst Semiconductor, Inc. is headquartered in Sunnyvale, California. Catalyst is a leading supplier of high performance analog/
mixed-signal solutions and nonvolatile memory products used in automotive, aircraft, telecommunications, computation, industrial and consumer
markets.Catalyst designs and markets a broad range of analog/mixed-signal products such as White LED Drivers,DC-DC converters,GPI/O expanders,
DigitallyProgrammablePotentiometers(DPP™),MicrocontrollerSupervisorycircuitsandotheranalog/mixed-signalproducts.Programmableproducts
include Serial and Parallel EEPROMs with I2C, SPI and Microwire interfaces, as well as NVRAM and low density Flash Memories.Typical applications
include LCD displays,digital cameras,cell phones,automotive instrumentation,modems,wireless LANs,network cards,DIMM modules,digital satellite
box receivers,set-top boxes and Internet routers.Catalyst’s Quality Management System is ISO 9001:2000 certified.For additional information about
Catalyst Semiconductor,visit our website at:www.catsemi.com.
i n t r o d u c t i o n
µP Supervisors
Mixed Signal
Memory
Serial EEPROMs
Parallel EEPROMs
Flash
NVRAM
CATALYST
Technology Core
Digitally Programmable
Potentiometers (DPP™)
DC-DC Converters
White LED Drivers
I2C Interface
I/O Expanders
Low Voltage
Shunt Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28