Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER20ASP-E Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce VIPER20ASP-E
Description  SMPS primary I.C.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ASP-E Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button VIPER20ASP-E Datasheet HTML 23Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 24Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 25Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 26Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 27Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 28Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 29Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 30Page - STMicroelectronics VIPER20ASP-E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
VIPer20A-E
Package mechanical data
27/34
Figure 28. Package dimension
Table 12.
PowerSO-10 mechanical data
Dim.
mm
Inch
Min
Typ
Max
Min
Typ
Max
A
3.35
3.65
0.132
0.144
A1
0.00
0.10
0.000
0.004
B
0.40
0.60
0.016
0.024
C
0.35
0.55
0.013
0.022
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.300
e
1.27
0.050
E
9.30
9.50
0.366
0.374
E1
7.20
7.40
0.283
0.291
E2
7.20
7.60
0.283
0.300
E3
6.10
6.35
0.240
0.250
E4
5.90
6.10
0.232
0.240
F
1.25
1.35
0.049
0.053
h
0.50
0.002
H
13.80
14.40
0.543
0.567
L
1.20
1.80
0.047
0.071
q
1.70
0.067
α
0o
8o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34