| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER20ASP-E Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20ASP-E Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 34 page ![]() Typical circuit VIPer20A-E 10/34 4 Typical circuit Figure 3. Offline power supply with auxiliary supply feedback Figure 4. Offline power supply with optocoupler feedback AC IN +Vcc GND F1 BR1 D3 R9 C1 R7 C4 C2 TR2 R1 C3 D1 D2 C10 TR1 C9 C7 L2 R3 C6 C5 R2 VIPer20 - + 13V OSC COMP SOURCE DRAIN VDD FC00401 C11 AC IN F1 BR1 D3 R9 C1 R7 C4 C2 TR2 R1 C3 D1 D2 C10 TR1 C9 C7 L2 +Vcc GND C8 C5 R2 VIPer20 U2 R4 R5 ISO 1 R6 R3 C6 - + 13V OSC COM P SOURCE DRAIN VDD FC00411 C11 |