Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC7448 Fiches technique(PDF) 54 Page - Freescale Semiconductor, Inc

No de pièce MPC7448
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Fiches technique(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC7448 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 3
54
Freescale Semiconductor
System Design Information
Table 16. Valid Divide Ratio Configurations
DFS mode disabled
DFS divide-by-2 mode enabled
(HID1[DFS2] = 1 or DFS2 =0)
DFS divide-by-4 mode enabled
(HID1[DFS4] = 1 or DFS4 =0)
Bus-to-Core Multiplier
Configured by
PLL_CFG[0:5]
(see Table 12)
HID1[PC0-5] 3
Bus-to-Core
Multiplier
HID1[PC0-5] 3
Bus-to-Core
Multiplier
HID1[PC0-5] 3
2x 4
010000
N/A (unchanged) 1
unchanged 1
N/A (unchanged) 1
unchanged 1
3x 4
100000
N/A (unchanged) 1
unchanged 1
N/A (unchanged) 1
unchanged 1
4x 4
101000
2x 4
010000
N/A (unchanged) 1
unchanged 1
5x
101100
2.5x 4
010101
N/A (unchanged) 1
unchanged 1
5.5x
100100
2.75x 4
110101 2
N/A (unchanged) 1
unchanged 1
6x
110100
3x 4
100000
N/A (unchanged) 1
unchanged 1
6.5x
010100
3.25x 4
100000 2
N/A (unchanged) 1
unchanged 1
7x
001000
3.5x 4
110101
N/A (unchanged) 1
unchanged 1
7.5x
000100
3.75x 4
110101 2
N/A (unchanged) 1
unchanged 1
8x
110000
4x 4
101000 4
2x 4
010000
8.5x
011000
4.25x 4
101000 2
N/A (unchanged) 1
unchanged 1
9x
011110
4.5x 4
011101
2.25x 4
010000 2
9.5x
011100
4.75x 4
011101 2
N/A (unchanged) 1
unchanged 1
10x
101010
5x
101100
2.5x 4
010101
10.5x
100010
5.25x
101100 2
N/A (unchanged) 1
unchanged 1
11x
100110
5.5x
100100
2.75x 4
010101 2
11.5x
000000
5.75x
100100 2
N/A (unchanged) 1
unchanged 1
12x
101110
6x
110100
3x 4
100000
12.5x
111110
6.25x
110100 2
N/A (unchanged) 1
unchanged 1
13x
010110
6.5x
010100
3.25x 4
100000 2
13.5x
111000
6.75
010100 2
N/A (unchanged) 1
unchanged 1
14x
110010
7x
001000
3.5x 4
110101
15x
000110
7.5x
000100
3.75x 4
110101 2
16x
110110
8x
110000
4x 4
101000
17x
000010
8.5x
011000
4.25x 4
101000 2
18x
001010
9x
011110
4.5x 4
011101
20x
001110
10x
101010
5x
101100
21x
010010
10.5x
100010
5.25x
101100 2
24x
011010
12x
101110
6x
110100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60