| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC7448 Fiches technique(PDF) 44 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7448 Fiches technique(HTML) 44 Page - Freescale Semiconductor, Inc |
|
44 / 60 page ![]() MPC7448 RISC Microprocessor Hardware Specifications, Rev. 3 44 Freescale Semiconductor System Design Information asserted; for these tools, a pull-up resistor can be implemented to ensure this signal is negated when it is not being driven by the tool. Note that the pull-up and pull-down resistors on the QACK signal are mutually exclusive and it is never necessary to populate both in a system. To preserve correct power-down operation, QACK should be merged through logic so that it also can be driven by the bridge or system logic. |