Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68331 Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 24Page - NXP Semiconductors MC68331 Datasheet HTML 25Page - NXP Semiconductors MC68331 Datasheet HTML 26Page - NXP Semiconductors MC68331 Datasheet HTML 27Page - NXP Semiconductors MC68331 Datasheet HTML 28Page - NXP Semiconductors MC68331 Datasheet HTML 29Page - NXP Semiconductors MC68331 Datasheet HTML 30Page - NXP Semiconductors MC68331 Datasheet HTML 31Page - NXP Semiconductors MC68331 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
MC68L300EC16/D
29
Figure 28 General-Purpose Input
NOTE: 1.
*PAI1 is the same frequency as the system clock; however, it does not have the same timing.
NEW DATA
IMB READ CYCLE
(READ BIT AS 1)
IMB READ CYCLE
(READ BIT AS 1)
IMB READ CYCLE
(READ BIT AS 0)
PHI1*
PDDRx
EXTERNAL PIN
(INPUT)
CONDITIONED
INPUT
PDRx
INTERNAL
DATA BUS
BUS STATES
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32