| Moteur de recherche de fiches techniques de composants électroniques |
|
MC68331 Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MC68331 Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 32 page ![]() MC68L300EC16/D 27 Figure 26 Output Compare (Toggle Pin State) NOTE: 1. When the TCNT matches the OCx compare register, the OCxF flag is set followed by the OCx pin changing state. 2. *PAI1 is the same frequency as the system clock; however, it does not have the same timing. PHI1* COMPARE/ CAPTURE CLOCK OCx COMPARE REGISTER TCNT OCx MATCH OCxF EXT PIN (OCx) $0102 $0102 $0101 $0103 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |