Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AB-A36DLAH-FREQ Fiches technique(PDF) 1 Page - Nel Frequency Controls,inc

No de pièce AB-A36DLAH-FREQ
Description  PECL/LVPECL UHF VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-A36DLAH-FREQ Fiches technique(HTML) 1 Page - Nel Frequency Controls,inc

  AB-A36DLAH-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-A36DLAH-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-A36DLAH-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PECL/LVPECL UHF VCXO
AB-X36DXXX Series
Description
The AB-X36DXXX Series of voltage controlled crystal oscillators (VCXO) provides ultra high frequency with
PECL/LVPECL complementary outputs. The outputs can be disabled for test automation or combining
multiple clocks. The device is based on low noise analog harmonic frequency multiplication, providing
exceptionally low Phase Noise and Jitter. It is packaged in a miniature, FR-4 based 9x14 mm SMD
package.
Applications and Features
• Wide frequency range – 200.0MHz to 1.000GHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SONET/SDH
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Extremely Low Phase Noise, Low Jitter
• SONET ±20ppm overall free-run stability available
• Absolute Pull Range (APR) to ±1000 ppm
• High shock resistance, to 1000g
• RoHS Compliant, Lead Free Construction
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0630B
Rev. C
AB - X 36D X X X - FREQ
Package Code
Absolute Pull Range, ppm
AB
6 pad 9x14mm SMD
E ±20
F ±32
Input Voltage
G ±50
0
5.0V±5%
H ±100
A
3.3V±5%
9 Customer specific
Enable Option
Temperature Range, °C
H
Enable High
A
0 to 50
L
Enable Low
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


Numéro de pièce similaire - AB-A36DLAH-FREQ

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
AB-A36CL99-L-155.520MHZ ABRACON-AB-A36CL99-L-155.520MHZ Datasheet
378Kb / 5P
PECL/LVPECL HF VCXO
12/19/2023
AB-A36CL99-R-155.520MHZ ABRACON-AB-A36CL99-R-155.520MHZ Datasheet
378Kb / 5P
PECL/LVPECL HF VCXO
12/19/2023
AB-A36CL9E-L-155.520MHZ ABRACON-AB-A36CL9E-L-155.520MHZ Datasheet
378Kb / 5P
PECL/LVPECL HF VCXO
12/19/2023
AB-A36CL9E-R-155.520MHZ ABRACON-AB-A36CL9E-R-155.520MHZ Datasheet
378Kb / 5P
PECL/LVPECL HF VCXO
12/19/2023
AB-A36CL9F-L-155.520MHZ ABRACON-AB-A36CL9F-L-155.520MHZ Datasheet
378Kb / 5P
PECL/LVPECL HF VCXO
12/19/2023
More results

Description similaire - AB-A36DLAH-FREQ

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
GVXO38 GOLLEDGE-GVXO38 Datasheet
71Kb / 1P
VCXO Complementray ECL/PECL UHF Range
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
PECL/LVPECL UHF XO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
LVPECL UHF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
PECL/LVPECL HF VCXO
logo
Advanced XTAL Products
AXIS50-11 AXTAL-AXIS50-11 Datasheet
248Kb / 2P
UHF VCXO with LVPECL or Sinus Output
2006-03-16
logo
Nel Frequency Controls,...
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
PECL/LVPECL UHF XO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
PECL/LVPECL UHF VCXO
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com