Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AB-A36DLAH-FREQ Fiches technique(PDF) 3 Page - Nel Frequency Controls,inc

No de pièce AB-A36DLAH-FREQ
Description  PECL/LVPECL UHF VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-A36DLAH-FREQ Fiches technique(HTML) 3 Page - Nel Frequency Controls,inc

  AB-A36DLAH-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-A36DLAH-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-A36DLAH-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL CLOCK OSCILLATORS
Rev. C
0.55 ( 1 4 m m )
0.35 ( 9 m m )
0 .2 4 ( 6 . 1 mm)
0.20 0 ( 5 .0 8 m m )
0.30 0 ( 7 .6 2 m m )
1
2
3
4
5
6
0.04 5 ( 1 .1 4 m m )
0. 05 0 ( 1 .2 7 m m )
0. 20 0 ( 1 0.2 m m )
0.10 0 ( 5 .1 m m )
0 .06 0 ( 1 .5 2 m m )
RE CO M M E NDE D P AD L AYO UT
AB-X36DXXX Series
Continued
PECL/LVPECL UHF VCXO
Electrical Connection
Pin
Connection
1
Vco
2
Enable/Disable
3
V
EE
4
Output
5
Output Complement
6
V
CC
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. E
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below
Maximum Reflow Profile
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com