Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6382DTR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L6382DTR
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382DTR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L6382DTR Datasheet HTML 6Page - STMicroelectronics L6382DTR Datasheet HTML 7Page - STMicroelectronics L6382DTR Datasheet HTML 8Page - STMicroelectronics L6382DTR Datasheet HTML 9Page - STMicroelectronics L6382DTR Datasheet HTML 10Page - STMicroelectronics L6382DTR Datasheet HTML 11Page - STMicroelectronics L6382DTR Datasheet HTML 12Page - STMicroelectronics L6382DTR Datasheet HTML 13Page - STMicroelectronics L6382DTR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
L6382D
filament heating when they are supplied by independent winding.
Bootstrap Circuit: it generates the supply voltage for the high side Driver (HSD). This circuit sources
current from Vcc to PIN HSB when LSG in ON. A patented integrated bootstrap section replaces an
external bootstrap diode. This section together with a bootstrap capacitor provides the bootstrap voltage
to drive the high side power MOSFET. This function is achieved using a high voltage DMOS driver
which is driven synchronously with the low side external power MOSFET. For a safe operation, current
flow between BOOT pin and Vcc is always inhibited, even though ZVS operation may not be ensured.
5.4 INTERNAL LOGIC, OVER CURRENT PROTECTION (OCP) AND INTERLOCKING FUNCTION.
The DIM (
Digital Input Monitor) block manages the input signals delivered to the drivers ensuring that they
are low during the described start-up procedure; the DIM block controls the L6382D behaviour during both
save and operating modes.
When the voltage on pin CSI overcomes the internal reference of 0.5V (typ.) the block latches the fault
condition: in this state the OCP block forces low both HSD and LSD signals while CSO will be forced high.
This condition remains latched until LSI and HSI are simultaneously low and CSI is below 0.5V.
This function is suitable to implement an over current protection or hard-switching detection by using an
external sense resistor.
As the voltage on pin CSI can go negative, the current must be limited below 2mA by external compo-
nents.
Another feature of the DIM block is the internal interlocking that avoids cross-conduction in the half-
bridge FET's: if by chance both HGI and LGI input's are brought high at the same time, then LSG and HSG
are forced low as long as this critical condition persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com