Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M39012/80B3003 Fiches technique(PDF) 27 Page - ITT Industries

No de pièce M39012/80B3003
Description  RF Coaxial Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

M39012/80B3003 Fiches technique(HTML) 27 Page - ITT Industries

Back Button M39012/80B3003 Datasheet HTML 23Page - ITT Industries M39012/80B3003 Datasheet HTML 24Page - ITT Industries M39012/80B3003 Datasheet HTML 25Page - ITT Industries M39012/80B3003 Datasheet HTML 26Page - ITT Industries M39012/80B3003 Datasheet HTML 27Page - ITT Industries M39012/80B3003 Datasheet HTML 28Page - ITT Industries M39012/80B3003 Datasheet HTML 29Page - ITT Industries M39012/80B3003 Datasheet HTML 30Page - ITT Industries M39012/80B3003 Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
128
CONTACT
BODY ASSEMBLY
RF Coaxial Connectors
Assembly Instructions
AI-770
SMA Flange Mount Connectors, Direct Solder Type for Semi-Rigid Cable
1. Strip cable to dimension shown, do not nick inner conductor.
2. Insert contact over inner conductor and push until it bottoms against the cable dielectric as shown.
Solder contact to inner conductor through solder hole. Trim excess of cable dielectric, if required.
3. Slide contact and cable into rear of body assembly until it seats firmly against insulator in body.
Solder cable to body applying sufficient heat to body for solder to flow, but using minimum heat
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42