Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M39012/80B3003 Fiches technique(PDF) 25 Page - ITT Industries

No de pièce M39012/80B3003
Description  RF Coaxial Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

M39012/80B3003 Fiches technique(HTML) 25 Page - ITT Industries

Back Button M39012/80B3003 Datasheet HTML 21Page - ITT Industries M39012/80B3003 Datasheet HTML 22Page - ITT Industries M39012/80B3003 Datasheet HTML 23Page - ITT Industries M39012/80B3003 Datasheet HTML 24Page - ITT Industries M39012/80B3003 Datasheet HTML 25Page - ITT Industries M39012/80B3003 Datasheet HTML 26Page - ITT Industries M39012/80B3003 Datasheet HTML 27Page - ITT Industries M39012/80B3003 Datasheet HTML 28Page - ITT Industries M39012/80B3003 Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
126
RF Coaxial Connectors
Assembly Instructions
AI-755
MCX Right Angle Connectors, Direct Solder Type for Times T - Flex Cable
1. Dip 9,50 (.374) to 12,70 (.500) of both ends of the cable into a solder pot. Flux may be applied to
the ends of the cable prior to dipping, if desired.
2. Trim cable to dimensions shown being careful not to nick the center conductor or braid. Trim
center conductor (DO NOT OVER TIN).
3. Orientate slot of contact and insulator to be parallel to the cable entry hole as shown.
4. Push cable into body and solder in place.
5. Solder center conductor to center contact (do not over solder).
6. Insert insulation disc (if supplied), into bore then dimple or lightly punch cap into counterbore until
fully home.
7. Install shrink tubing as shown, apply indirect heat to shrink the tubing down.
CAP
INSULATION DISC
BODY ASSEMBLY
AB
2,29 (.090)
3,69 (.145)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42