Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AHA3430 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce AHA3430
Description  40 MBYTES/SEC SIMULTANEOUS COMPRESSOR/DECOMPRESSOR IC, 3.3V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AHA3430 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  AHA3430 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHA3430 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHA3430 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHA3430 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
comtech aha corporation
PB3430_1205
© 2005 Comtech AHA Corp.
comtech aha corporation
A subsidiary of Comtech Telecommunications Corporation
fax: 208.892.5601
tel: 208.892.5600
www.aha.com
Moscow ID 83843-8331
1126 Alturas Drive
e-mail: sales@aha.com
fax: 208.892.5601
tel: 208.892.5600
COMPRESSOR/DECOMPRESSOR FOR MID-
RANGE MULTIFUNCTION COPIER/PRINTER
APPLICATIONS - AN EXAMPLE
ORDERING INFORMATION
ABOUT AHA
Comtech AHA Corporation (AHA) develops
and markets superior integrated circuits, boards, and
intellectual property core technology for
communications systems architects worldwide.
AHA has been setting the standard in Forward Error
Correction and Lossless Data Compression
technology for many years and provides flexible,
cost-effective solutions for today’s growing
bandwidth and reliability challenges. Comtech
AHA Corporation is a wholly owned subsidiary of
Comtech Telecommuncations Corp. (NASDAQ:
CMTL). For more information, visit www.aha.com.
FRAME BUFFER
MEMORY
AHA3430
StarLite
ACKN[3:0]
PA[4:0]
CSN
DIR
RDYN
INTRN
REQN[3:0]
DATA PORT
VID PORT
VOD PORT
VIACKN
VIREQN
VOREQN
VOACKN
VOEORN
CPU
INTERFACE
VID SCANNER
PORT
VOD PRINTER
PORT
32
bit
8-bits
8-bits
(40 MBytes/sec)
(40 MBytes/se
22
PART NUMBER
DESCRIPTION
AHA3430A-040 PTC
40 MBytes/sec Simultaneous
Lossless Data
Compression/Decompression
Coprocessor IC



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com