Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC604EC Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 10Page - NXP Semiconductors MPC604EC Datasheet HTML 11Page - NXP Semiconductors MPC604EC Datasheet HTML 12Page - NXP Semiconductors MPC604EC Datasheet HTML 13Page - NXP Semiconductors MPC604EC Datasheet HTML 14Page - NXP Semiconductors MPC604EC Datasheet HTML 15Page - NXP Semiconductors MPC604EC Datasheet HTML 16Page - NXP Semiconductors MPC604EC Datasheet HTML 17Page - NXP Semiconductors MPC604EC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.5 PowerPC 604 Microprocessor Pinout Listings
The following sections contain the pinout listings for the 604 C4-CQFP and BGA packages.
1.5.1 Pinout Listing for the C4-CQFP Package
Table 9 provides the pinout listing for the 604 C4-CQFP package.
Table 9. Pinout Listing for the C4-CQFP Package
Signal Name
Pin Number
Active
I/O
A0–A31
225, 4, 223, 6, 221, 8, 219, 10, 217, 12, 215, 14, 213, 16,
211, 18, 209, 20, 207, 22, 205, 24, 203, 26, 201, 28, 199, 30,
191, 38, 182, 47
High
I/O
AACK
36
Low
Input
ABB
45
Low
I/O
AP0–AP3
295, 294, 292, 290
High
I/O
APE
276
Low
Output
ARRAY_WR1
271
Low
Input
ARTRY
42
Low
I/O
AVDD
260
—
—
BG
35
Low
Input
BR
278
Low
Output
CI
304
Low
Output
CKSTP_IN
266
Low
Input
CKSTP_OUT
267
Low
Output
CLK_OUT
280
—
Output
CSE0–CSE1
288, 287
High
Output
DBB
184
Low
I/O
DBG
34
Low
Input
DBDIS
193
Low
Input
DBWO
32
Low
Input
DH0–31
147, 145, 143, 142, 140, 138, 126, 124, 122, 121, 119, 117,
115, 114, 112, 110, 108, 107, 105, 103, 101, 100, 98, 96, 94,
93, 91, 89, 87, 86, 84, 82
High
I/O
DL0–DL31
180, 178, 176, 174, 172, 170, 168, 166, 164, 162, 160, 158,
156, 154, 152, 150, 148, 136, 135, 133, 131, 129, 128, 65,
67, 69, 71, 73, 75, 77, 79, 81
High
I/O
DP0–DP7
49, 51, 53, 55, 57, 59, 61, 63
High
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32