| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC604EC Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC604EC Fiches technique(HTML) 11 Page - NXP Semiconductors |
|
11 / 32 page ![]() 604 Hardware Specifications 11 Preliminary/Subject to Change without Notice Figure 8 provides the test access port timing diagram. Figure 8. Test Access Port Timing Diagram 1.4 PowerPC 604 Microprocessor Pin Assignments The following sections contain the pinout diagrams for the 604. Note that the 604 is currently offered in two packages. Motorola and IBM both offer a C4 Ceramic Quad Flat Pack (C4-CQFP), and a Ball Grid Array (BGA) package. Both IBM and Motorola C4-CQFP and BGA packages have identical pinouts. TCLK TDI, TMS TDO TDO TDO 12 13 12 10 VIH VIL INPUT DATA VALID OUTPUT DATA VALID OUTPUT DATA VALID 11 TCLK TDI, TMS TDO TDO TDO OUTPUT DATA VALID OUTPUT DATA VALID INPUT DATA VALID Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |