| Moteur de recherche de fiches techniques de composants électroniques |
|
2DB52S Fiches technique(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
2DB52S Fiches technique(HTML) 5 Page - ITT Industries |
|
5 / 11 page ![]() 63 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change 90˚ PCB Mounting - 4 Row + ++ + + + + ++ + + + + + ++ + + + ++ + ++ + + + + + + + + + + + + + + ++ + + + + ++ + + + + + ++ + + + ++ + ++ + + + + + + + + + + + + + + + .130 (3.30) MIN. .253 (6.43) .233 (5.92) .790 (20.07) MAX. .125 (3.18) .115 (2.92) DIA. TYP. .510 (12.95) .490 (12.45) .065 (1.65) .620 (15.75) .590 (14.99) .075 (1.90) CAV #100 A A LEAD #100 Part Number by Shell Size 2DD100SBRP A + _ .015 (0.38) B + _ .010 (0.25) C Max. 2.635 (66.93) 2.406 (61.11) .790 (20.07) Contact Arrangements - Page 62 LEAD #1 CAV #1 #4-40 UNC-2B THREAD (2 PLACES) B B .0375 (0.94) REF. .075 (1.90) REF. .100 (2.54) REF. .100 (2.54) REF. .200 (5.08) REF. Double Density D - .075" Contact Spacing 2D |