| Moteur de recherche de fiches techniques de composants électroniques |
|
2DB52S Fiches technique(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
2DB52S Fiches technique(HTML) 3 Page - ITT Industries |
|
3 / 11 page ![]() 61 www.ittcannon.com Double Density D - .075" Contact Spacing 2D Standard Shell + + ++ Part Number by Shell Size 2DE19P 2DE19S 2DA31P 2DA31S 2DB52P .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .236 (5.99) 2DB52S 2DC79P 2DC79S 2DD100P 2DD100S .236 (5.99) .236 (5.99) .236 (5.99) .236 (5.99) .236 (5.99) T + .020 (0.51) - .000 (0.00) Part Number by Shell Size T + .020 (0.51) - .000 (0.00) A B C T .856(21.74)MAX. D M K L J V G H TWO MTG. HOLES .123 ± .005 (3.12 ± 0.13) E 10˚ (TYP) Float Mount + + + + TWO MTG. HOLES .0885 ± .0025 (2.248 ± 0.064) G H A B 10˚ (TYP) C D E K J N M .032 (.812) TOTAL DIAMETRAL FLOAT V Part Number by Shell Size A ± .015 (0.38) E ±.015 (0.38) B ± .010 (0.25) C ± .010 (0.25) D ± .010 (0.25) G ± .010 (0.25) H ± .010 (0.25) J ± .010 (0.25) K ± .010 (0.25) L ± .010 (0.25) M ± .010 (0.25) N ± .010 (0.25) V Max. 2DE19P 2DE19S 2DA31P 2DA31S 2DB52P 2DB52S 2DC79P 2DC79S 2DD100P 2DD100S 1.213 (30.81) 1.213 (30.81) 1.541 (39.14) 1.541 (39.14) 2.088 (53.03) 2.088 (53.03) 2.729 (69.31) 2.729 (69.31) 2.635 (66.92) 2.635 (66.92) .697 (17.70) .640 (16.26) 1.025 (26.03) .968 (24.58) 1.583 (40.21) 1.508 (38.30) 2.231 (56.67) 2.156 (54.76) 2.127 (54.02) 2.062 (52.37) .984 (24.99) .984 (24.99) 1.312 (33.32) 1.312 (33.32) 1.852 (47.04) 1.852 (47.04) 2.500 (63.50) 2.500 (63.50) 2.406 (61.11) 2.406 (61.11) .360 (9.14) .308 (7.82) .360 (9.14) .308 (7.82) .378 (9.60) .308 (7.82) .378 (9.60) .308 (7.82) .484 (12.29) .420 (10.67) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .605 (15.37) .605 (15.37) .759 (19.28) .759 (19.28) 1.083 (27.51) 1.083 (27.51) 1.625 (41.27) 1.625 (41.27) 2.272 (57.71) 2.272 (57.71) 2.178 (55.32) 2.178 (55.32) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .534 (13.56) .534 (13.56) .036 (.914) .032 (213) .036 (.914) .032 (213) .036 (.914) .032 (213) .036 (.914) .032 (213) .036 (.914) .032 (213) .236 (5.99) .243 (6.17) .236 (5.99) .243 (6.17) .231 (5.87) .243 (6.17) .231 (5.87) .243 (6.17) .231 (5.87) .243 (6.17) .055 (1.40) .047 (1.19) .055 (1.40) .047 (1.19) .055 (1.40) .047 (1.19) .055 (1.40) .047 (1.19) .055 (1.40) .047 (1.19) .422 (10.72) .429 (10.90) .422 (10.72) .429 (10.90) .426 (10.82) .429 (10.90) .426 (10.82) .429 (10.90) .426 (10.82) .429 (10.90) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .129 (3.28) .120 (3.05) .129 (3.28) .120 (3.05) .129 (3.28) .120 (3.05) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) .555 (14.10) For shell with float mounts, add letter F after shell size, e.g., 2DEF19P. Jackscrew/Jackpost Assembly #4-40 UNC-2A THREAD #4-40 UNC-2A THREAD #4-40 UNC-2A THREAD #4-40 UNC-2B THREAD .233 (5.92) .223 (5.66) .325 ± .015 (8.26 ± 0.38) .025 (0.64) MAX. .025 (0.64) MAX. .180 ± .025 Grip (4.57 ± 0.64) Length .180 ± .025 Grip (4.57 ± 0.64) Length .230 (5.84) MAX. .620 ± .010 (15.75 ± 0.25) Standard (F172) Jackscrew (factory installed) Low Profile (F173) Jackscrew (factory installed) Jackpost (F171) Front Panel Connector Mounting Only Dimensions shown in inch (mm) Specifications and dimensions subject to change |